Part Number Hot Search : 
60133 K2225 M4S5H AL212386 BPC350 60133 60133 CXD8871Q
Product Description
Full Text Search
 

To Download AT76C113-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * * * * * * *
Baseline JPEG Compression/Decompression MPEG-1 Encode/Decode at 24 fps QVGA Compatible with Various Types of Display Devices Video Encoder Including Line Driver for NTSC/PAL TV Signal Digital Outputs Include Composite, 16-bit YC, RGB 565 SDRAM Interface - Supports from 16M Bits to 256M Bits Unified Memory Architecture (All Program and Data Stored in SDRAM) Support for Most Flash Card Interfaces (MMC, SD, SSFDC, Memory StickTM, CompactFlash(R)) USB 1.1 Host/Slave Controller and USART Interfaces Up to Nine External Interrupts and Wake-up Pin Serial Peripheral Interface for Loading Boot Code and Controlling System Two DACs for Audio Output Audio Data Interface for Connection to External Stereo ADC/DAC Three General-Purpose Timers for Waveform Generation (PWM, etc.) and Event Monitoring Up to 2M Bytes Program Space Support for RTOS All Low-level Software, Application Samples are Provided 208-ball BGA Package 1.8-volt Core and 3.3 V I/O Operation
HighPerformance Digital Media Processor AT76C113P Summary
Figure 1. Typical DSC Application Using AT76C113P
5657AS-IMAGE-01/04
Note: This is a summary datasheet. A complete document is available under NDA. For more information, please contact your local Atmel Sales Office.
1
Description
The AT76C113P is a highly integrated media processor. It combines a number of required functions listed below: * * * * * * * Image/Video/Audio decoding Image display Image processing and image storing Control of general-purpose I/O functions Data communication Control of user functions On-screen Display
The device is based on an ARM(R) microprocessor that controls the entire chip. A number of hardware resources, controlled by ARM, perform media functions such as image processing, JPEG coding/decoding, MPEG-1 decoding, DMA access to SDRAM, and video encoding. All these computationally-intensive functions are implemented in hardware which can be programmed according to user specifications, thus allowing ARM to be free for other user-defined functions. Part Versions The AT76C113P device comes in two versions, each with slightly different features. These features are summarized in Table 1. Table 1. AT76C113 Part Versions
Part Number AT76C113-P AT76C113-PU Maximum Imager Resolution (Pixels) > 2M > 2M Maximum SDRAM Size (Mbytes) 512 512 USB Functionality Slave Only Slave and Host
2
AT76C113
5657AS-IMAGE-01/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2004. All rights reserved. Atmel (R) and combinations thereof and DataFlash (R) are the registered trademarks of Atmel Corporation or its subsidiaries. ARM (R) is a registered trademark of ARM, Ltd. Memory Stick TM is a trademark of Sony Electronics Inc. CompactFlash(R) is a registered trademark of Sandisk Corporation. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
5657AS-IMAGE-01/04 xM


▲Up To Search▲   

 
Price & Availability of AT76C113-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X